| データシートサーチシステム |
|
BQ78350DBTR-R1 データシート(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
BQ78350DBTR-R1 データシート(HTML) 13 Page - Texas Instruments |
|
13 / 32 page ![]() bq78350-R1 www.ti.com SLUSCD0 – AUGUST 2015 9.5 Programming 9.5.1 Physical Interface The bq78350-R1 uses SMBus 1.1 with packet error checking (PEC) as an option and is used as a slave only. 9.5.2 SMBus Address The bq78350-R1 determines its SMBus 1.1 slave address through a voltage on SMBA, Pin 30. The voltage is set with a pair of high value resistors if an alternate address is required and is measured either upon exit of POR or when system present is detected. ADREN, Pin 29, may be used to disable the voltage divider after use to reduce power consumption. 9.5.3 SMBus On and Off State The bq78350-R1 detects an SMBus off state when SMBC and SMBD are logic-low for ≥ 2 seconds. Clearing this state requires either SMBC or SMBD to transition high. Within 1 ms, the communication bus is available. Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Links: bq78350-R1 |