| データシートサーチシステム |
|
DP83901AV データシート(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83901AV データシート(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 62 page ![]() Pin Description Pin No Pin Name IO Description BUS INTERFACE PINS 2 PRD O PORT READ Enables data from external latch on to local bus during a memory write cycle to local memory (remote write operation) This allows asynchronous transfer of data from the system memory to local memory 3 – 6 RA0 – RA3 I REGISTER ADDRESS These four pins are used to select a register to be read or written The state of these inputs is ignored when the NIC is not in slave mode (CS high) 7 – 17 AD0 – AD15 IO Z MULTIPLEXED ADDRESSDATA BUS 19 Register Access with DMA inactive CS low and ACK returned from SNIC pins AD0–AD7 are 22 – 25 used to read and write register data AD8–AD15 float during IO transfers SRD SWR pins are used to select direction of transfer Bus Master with BACK input asserted During t1 of memory cycle AD0 – AD15 contain address During t2 t3 t4 AD0 – AD15 contain data (word transfer mode) During t2 t3 t4 AD0 – AD7 contain data AD8 – AD15 contain address (byte transfer mode) Direction of transfer is indicated by SNIC on MWR MRD lines 26 ADS0 IO Z ADDRESS STROBE 0 Input with DMA inactive and CS low latches RA0–RA3 inputs on falling edge If high data present on RA0–RA3 will flow through latch Output When Bus Master latches address bits (A0–A15) to external memory during DMA transfers 27 CS O CHIP SELECT Chip Select places controller in slave mode for mP access to internal registers Must be valid through data portion of bus cycle RA0 – RA3 are used to select the internal register SWR and SRD select direction of data transfer 28 MWR O Z MASTER WRITE STROBE (Strobe for DMA transfers) Active low during write cycles (t2 t3 tw) to buffer memory Rising edge coincides with the presence of valid output data TRI-STATE until BACK asserted 29 MRD O Z MASTER READ STROBE (Strobe for DMA transfers) Active during read cycles (t2 t3 tw) to buffer memory Input data must be valid on rising edge of MRD TRI-STATE until BACK asserted 30 SWR I SLAVE WRITE STROBE Strobe from CPU to write an internal register selected by RA0 – RA3 Data is latched into the SNIC on the rising edge of this input 31 SRD I SLAVE READ STROBE Strobe from CPU to read an internal register selected by RA0 – RA3 The register data is output when SRD goes low 32 ACK O ACKNOWLEDGE Active low when SNIC grants access to CPU Used to insert WAIT states to CPU until SNIC is synchronized for a register read or write operation 34 BSCK I BUS CLOCK This clock is used to establish the period of the DMA memory cycle Four clock cycles (t1 t2 t3 t4) are used per DMA cycle DMA transfers can be extended by one BSCK increments using the READY input 36 RACK I READ ACKNOWLEDGE Indicates that the system DMA or host CPU has read the data placed in the external latch by the SNIC The SNIC will begin a read cycle to update the latch 37 PWR O PORT WRITE Strobe used to latch data from the SNIC into external latch for transfer to host memory during Remote Read transfers The rising edge of PWR coincides with the presence of valid data on the local bus 38 READY I READY This pin is set high to insert wait states during a DMA transfer The SNIC will sample this signal at t3 during DMA transfers 3 |