データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP83902A データシート(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DP83902A
部品情報  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A データシート(HTML) 59 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 55Page - National Semiconductor (TI) DP83902A Datasheet HTML 56Page - National Semiconductor (TI) DP83902A Datasheet HTML 57Page - National Semiconductor (TI) DP83902A Datasheet HTML 58Page - National Semiconductor (TI) DP83902A Datasheet HTML 59Page - National Semiconductor (TI) DP83902A Datasheet HTML 60Page - National Semiconductor (TI) DP83902A Datasheet HTML 61Page - National Semiconductor (TI) DP83902A Datasheet HTML 62Page - National Semiconductor (TI) DP83902A Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
150 Switching Characteristics AC Specs DP83902A Note All Timing is Preliminary (Continued)
DMA Memory Write
TLF11157 – 40
Symbol
Parameter
Min
Max
Units
bcwl
Bus Clock to Write Strobe Low
40
ns
bcwh
Bus Clock to Write Strobe High
40
ns
wds
Data Setup to MWR High
2 bcyc b 30
ns
wdh
Data Hold from MWR Low
bch a 7ns
waz
Write Strobe to Address TRI-STATE (Notes 1 2)
bch a 40
ns
asds
Address Strobe to Data Strobe
bcl a 10
ns
aswd
Address Strobe to Write Data Valid
bcl a 30
ns
Note 1
When using byte mode transfers A8–A15 are only TRI-STATE on the last transfer waz timing is only valid for last transfer in a burst
Note 2
These limits include the RC delay inherent in our test method These signals typically turn off within bch a 15 ns enabling other devices to drive these
lines with no contention
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70