| データシートサーチシステム |
|
DP83901 データシート(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83901 データシート(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 62 page ![]() General Description (Continued) The MAC function (NIC) provides simple and efficient pack- et transmission and reception control by means of unique dual DMA channels and an internal FIFO Bus arbitration and memory control logic are integrated to reduce board cost and area overheads SNIC used in conjunction with the DP8392 Coaxial Trans- ceiver Interface (CTI) provides a comprehensive 2 chip solu- tion for IEEE 8023 networks and is designed for easy inter- face to the latest 10BASE-T transceivers Due to the inherent constraints of CMOS processing isola- tion is required at the differential signal interfaces for 10BASE5 and 10BASE2 applications Capacitive or induc- tive isolation may be used Table Of Contents 10 SYSTEM DIAGRAM 20 PIN DESCRIPTION 30 BLOCK DIAGRAM 40 FUNCTIONAL DESCRIPTION 50 TRANSMITRECEIVE PACKET ENCAPSULATIONDECAPSULATION 60 DIRECT MEMORY ACCESS CONTROL (DMA) 70 PACKET RECEPTION 80 PACKET TRANSMISSION 90 REMOTE DMA 100 INTERNAL REGISTERS 110 INITIALIZATION PROCEDURE 120 LOOPBACK DIAGNOSTICS 130 BUS ARBITRATION 140 PRELIMINARY ELECTRICAL CHARACTERISTICS 150 SWITCHING CHARACTERISTICS 160 AC TIMING TEST CONDITIONS 170 PHYSICAL DIMENSIONS Connection Diagram TLF10469 – 2 Top View Order Number DP83901AV See NS Package Number V68A 2 |