| データシートサーチシステム |
|
ADE7751 データシート(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7751 データシート(HTML) 8 Page - Analog Devices |
|
8 / 16 page ![]() REV. 0 ADE7751 –8– AMPS 0.20 0.01 100 0.1 110 0.10 0.00 –0.10 –0.20 –0.30 –0.40 –0.50 –0.60 PF = 0.5 GAIN = 8 ON-CHIP REFERENCE +25 C PF=0.5 +25 C PF=1 +85 C PF=0.5 –40 C PF=0.5 TPC 7. Error as a % of Reading (PF = 0.5, Gain = 8) AMPS 0.60 –0.60 0.01 0.1 110 0.40 0.20 –0.20 –1.00 PF = 0.5 GAIN = 16 ON-CHIP REFERENCE –0.40 100 –0.80 0.00 +25 C PF = 1 +85 C PF = 0.5 –40 C PF = 0.5 +25 C PF = 0.5 TPC 8. Error as a % of Reading (Gain = 16) AMPS 0.20 –0.05 0.01 100 0.1 110 0.15 0.10 0.05 0.00 –0.10 –0.15 –0.20 –0.25 –0.30 PF = 1 GAIN = 2 EXTERNAL REFERENCE +85 C +25 C –40 C TPC 9. Error as a % of Reading over Temperature with an External Reference (Gain = 2) AMPS 0.30 –0.30 0.01 0.1 110 0.20 0.10 0.00 –0.10 –0.40 PF = 1 GAIN = 8 EXTERNAL REFERENCE –0.20 100 +85 C –40 C +25 C TPC 10. Error as a % of Reading over Temperature with an External Reference (Gain = 8) AMPS 0.60 –0.60 0.01 0.1 110 0.40 0.20 0.00 –0.20 –0.80 PF = 1 GAIN = 16 EXTERNAL REFERENCE –0.40 100 +85 C PF = 0.5 –40 C PF = 1 +25 C PF = 1 TPC 11. Error as a % of Reading over Temperature with an External Reference (Gain = 16) 10 15 15 10 50 16 14 12 8 6 4 2 0 510 DISTRIBUTION CHARACTERISTICS NUMBER OF PTS: 138 MINIMUM: –11.1367 MAXIMUM: +10.1775 MEAN: –1.44576 STD DEV: 4.6670 GAIN = 1 TEMP = 25 C TPC 12. Channel 1 Offset Distribution (Gain = 1) |