データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC2114RGHT データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 FDC2114RGHT
部品情報  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT データシート(HTML) 3 Page - Texas Instruments

  FDC2114RGHT Datasheet HTML 1Page - Texas Instruments FDC2114RGHT Datasheet HTML 2Page - Texas Instruments FDC2114RGHT Datasheet HTML 3Page - Texas Instruments FDC2114RGHT Datasheet HTML 4Page - Texas Instruments FDC2114RGHT Datasheet HTML 5Page - Texas Instruments FDC2114RGHT Datasheet HTML 6Page - Texas Instruments FDC2114RGHT Datasheet HTML 7Page - Texas Instruments FDC2114RGHT Datasheet HTML 8Page - Texas Instruments FDC2114RGHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
5 Description, continued
The FDC221x is optimized for high resolution, up to 28 bits, while the FDC211x offers fast sample rate, up to
13.3ksps, for easy implementation of applications that use fast moving targets. The very large maximum input
capacitance of 250 nF allows for the use of remote sensors, as well as for tracking environmental changes over
time, temperature and humidity.
The FDC2x1x family targets proximity sensing and liquid level sensing applications for any type of liquids. For
non-conductive liquid level sensing applications in the presence of interferences such as human hands, the
FDC1004 is recommended, which has integrated active shield drivers.
6 Device Comparison Table
PART NUMBER
RESOLUTION
CHANNELS
PACKAGE
FDC2112
12 bit
2
WSON-12
FDC2114
12 bit
4
WQFN-16
FDC2212
28 bit
2
WSON-12
FDC2214
28 bit
4
WQFN-16
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61