データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS90C187 データシート(PDF) 8 Page - Texas Instruments

部品番号 DS90C187
部品情報  Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C187 データシート(HTML) 8 Page - Texas Instruments

Back Button DS90C187_14 Datasheet HTML 4Page - Texas Instruments DS90C187_14 Datasheet HTML 5Page - Texas Instruments DS90C187_14 Datasheet HTML 6Page - Texas Instruments DS90C187_14 Datasheet HTML 7Page - Texas Instruments DS90C187_14 Datasheet HTML 8Page - Texas Instruments DS90C187_14 Datasheet HTML 9Page - Texas Instruments DS90C187_14 Datasheet HTML 10Page - Texas Instruments DS90C187_14 Datasheet HTML 11Page - Texas Instruments DS90C187_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
DS90C187
SNLS401B – FEBRUARY 2012 – REVISED APRIL 2013
www.ti.com
Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
TSTC
INn_x Setup to IN_CLK
Figure 7
0
ns
THTC
INn_x Hold from IN_CLK
2.5
ns
LLHT
LVDS Low-to-High Transition Time
0.18
0.5
ns
Figure 5 (1)
LHLT
LVDS High-to-Low Transition Time
0.18
0.5
ns
Figure 5 (1)
TBIT
LVDS Output Bit Width
MODE[1:0] = 00, or 10
1/7 TCIP
ns
MODE[1:0] = 01
2/7 TCIP
ns
TPPOS0
Transmitter Output Pulse Positions Normalized
Figure 10
1
UI
for Bit 0
TPPOS1
Transmitter Output Pulse Positions Normalized
2
UI
for Bit 1
TPPOS2
Transmitter Output Pulse Positions Normalized
3
UI
for Bit 2
TPPOS3
Transmitter Output Pulse Positions Normalized
4
UI
for Bit 3
TPPOS4
Transmitter Output Pulse Positions Normalized
5
UI
for Bit 4
TPPOS5
Transmitter Output Pulse Positions Normalized
6
UI
for Bit 5
TPPOS6
Transmitter Output Pulse Positions Normalized
7
UI
for Bit 6
ΔTPPOS
Variation in Transmitter Pulse Position (Bit 6 —
±0.06
UI
Bit 0)
TCCS
LVDS Channel to Channel Skew
110
ps
TJCC
Jitter Cycle-to-Cycle
MODE0, MODE1 = 0,
0.028
0.035
UI
f = 105 MHz,
(1)
TPLLS
Phase Lock Loop Set (Enable Time)
Figure 8
1
ms
TPDD
Powerdown Delay
Figure 9
100
ns
(2)
TSD
Latency Delay
MODE0 = 0,
2*TCIP +
2*TCIP +
ns
MODE1 = 1 or 0
10.54
13.96
Figure 11
(1)
TLAT
Latency Delay for Single Pixel In / Dual Pixel Out MODE0 = 1,
9*TCIP +
9*TCIP +
ns
Mode
MODE1 = 0
4.19
6.36
Figure 11
(1)
(1)
Parameter is guaranteed by characterization and is not tested at final test.
(2)
Parameter is guaranteed by design and is not tested at final test.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: DS90C187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com