| データシートサーチシステム |
|
DS99R101 データシート(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DS99R101 データシート(HTML) 7 Page - Texas Instruments |
|
7 / 29 page ![]() DEN DOUT- DOUT+ 5 pF 100: Parasitic package and Trace capcitance 200 mV DCA DCA DCA DCA $OO GDWD ³0´V CLK1 tZLD tTCP DCA DCA DCA DCA CLK1 tTCP 200 mV DEN (single-ended) 200 mV DCA DCA DCA DCA $OO GDWD ³1´V CLK0 tZHD tTCP DCA DCA DCA DCA CLK0 tTCP 200 mV DOUT± (differential) VCC/2 0V DOUT± (differential) 0V VCC/2 tHZD DEN (single-ended) VCC/2 0V 0V VCC/2 tLZD Setup VDD/2 Hold tDIH tDIS TCLK DIN [0:23] tTCP 0V VDD/2 VDD/2 VDD/2 VDD/2 VDD 80% 20% 80% 20% tCLKT tCLK TCLK VDD 0V DS99R101, DS99R102 www.ti.com SNLS240D – MARCH 2007 – REVISED APRIL 2013 Figure 4. Serializer Input Clock Transition Times Figure 5. Serializer Setup/Hold Times Figure 6. Serializer TRI-STATE Test Circuit and Delay Copyright © 2007–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: DS99R101 DS99R102 |