| データシートサーチシステム |
|
TMS320DM355 データシート(PDF) 81 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM355 データシート(HTML) 81 Page - Texas Instruments |
|
81 / 163 page ![]() PLLDIV1(/1) 1 0 PLL 0 1 CLKMODE CLKIN OSCIN PLLEN SYSCLK1 (DDRPHY) SYSCLKBP (CLKOUT3) BPDIV(/8) PLLM (Programmable) Pre-DIV (Programmable) Post-DIV (/1) TMS320DM355 www.ti.com SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010 3.6.3 PLLC2 PLLC2 provides the DDR PHY clock and CLKOUT3. Software controls PLLC2 operation through the PLLC2 registers. The following list, Table 3-17, and Figure 3-4 describe the customizations of PLLC2 in the DM355. • Provides DDR PHY clock and CLKOUT3 • Software configurable • Accepts clock input or internal oscillator input (same input as PLLC1) • PLL pre-divider value is programmable • PLL multiplier value is programmable • PLL post-divider value is fixed to (/1) • Only SYSCLK[1] is used • SYSCLK1 divider value is fixed to (/1) • SYSCLKBP divider value is fixed to (/8) • SYSCLK1 is routed to the DDR PHY • SYSCLKBP is routed to the output pin CLKOUT3 • AUXCLK is not used. Table 3-17. PLLC2 Output Clocks Output Clock Used by PLLDIV Divider Notes SYSCLK1 DDR PHY /1 Fixed divider SYSCLKBP CLKOUT3 /8 Fixed divider Figure 3-4. PLLC2 Configuration in DM355 Copyright © 2007–2010, Texas Instruments Incorporated Detailed Device Description 81 Submit Documentation Feedback Product Folder Link(s): TMS320DM355 |