| データシートサーチシステム |
|
TMS320DM355CZCEA13 データシート(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM355CZCEA13 データシート(HTML) 45 Page - Texas Instruments |
|
45 / 163 page ![]() TMS320DM355 www.ti.com SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010 Table 2-23. DM355 Pin Descriptions (continued) Name BGA Type Group Power PU Reset Description(4) Mux Control ID (1) Supply(2) PD(3) State DDR_VREF U10 PWR DDRI VDD_DDR DDR: Voltage input for the SSTL_18 IO O buffers VSSA_DLL R11 GND DDRD VSSA_DLL DDR: Ground for the DDR DLL LL VDDA33_DDRDLL R10 PWR DDRD VDDA33_DDR DDR: Power (3.3 Volts) for the DDR DLL LL DLL DDR_ZN T9 I/O DDRI VDD_DDR DDR: Reference output for drive strength O calibration of N and P channel outputs. Tie to ground via 50 ohm resistor @ 0.5% tolerance. EM_A13 / V19 I/O AEMI VDD PD in L Async EMIF: Address Bus bit[13] PINMUX2[0].EM_A1 GIO067 / F / 3_3, BTSEL[1] GIO / syste m GIO: GIO[067] default set by AECFG[0] System: BTSEL[1:0] sampled at Power-on-Reset to determine Boot method (00:NAND, 01:Flash, 10:MMC/SD, 11:UART ) EM_A12 / U19 I/O AEMI VDD PD in L Async EMIF: Address Bus bit[12] PINMUX2[0].EM_A1 GIO066 / F / 3_3, BTSEL[0] GIO / syste m GIO: GIO[066] default set by AECFG[0] System: BTSEL[1:0] sampled at Power-on-Reset to determine Boot method (00:NAND, 01:Flash, 10:MMC/SD, 11:UART) EM_A11 / R16 I/O AEMI VDD PU in H Async EMIF: Address Bus bit[11] PINMUX2[0].EM_A1 GIO065 / F / 3_3, AECFG[3] GIO / syste m GIO: GIO[065] default set by AECFG[0] System: AECFG[3:0] sampled at Power-on-Reset to set AEMIF Configuration AECFG[3] sets default for PinMux2.EM_D15_8: AEMIF Default Bus Width (0:16 or 1:8 bits) EM_A10 / R18 I/O AEMI VDD PU in H Async EMIF: Address Bus bit[10] PINMUX2[0].EM_A1 GIO064 / F / 3_3, AECFG[2] GIO / syste m GIO: GIO[064] default set by AECFG[0] System: AECFG[3:0] sampled at Power-on-Reset to set AEMIF Configuration AECFG[2:1] sets default for PinMux2.EM_BA0: AEMIF EM_BA0 Definition (00: EM_BA0, 01: EM_A14, 10:GIO[054], 11:rsvd) Copyright © 2007–2010, Texas Instruments Incorporated Device Overview 45 Submit Documentation Feedback Product Folder Link(s): TMS320DM355 |