| データシートサーチシステム |
|
FME28-461Y/883 データシート(PDF) 2 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
FME28-461Y/883 データシート(HTML) 2 Page - Interpoint Corporation Company |
|
2 / 13 page ![]() Operating COnditiOns and CharaCteristiCs input Voltage range 0 to 50 VDC continuous • Transient -100 to +100 volts for 100 ms • lead soldering temperature (10 sec per lead) 300°C • storage temperature range (tc) -65°C to +150°C • case operating temperature (tc) -55°C to +125°C full power • -55°C to +135°C absolute • Derating input/output current Linearly from 15 A at 95°C to 10 A at 125°C to zero at 135° C • 15 A max at 95°C to 10 A max at 125°C • isolation 100 megohm minimum at 500 VDC • Any pin to case • meChaniCal and envirOnmental size (maximum) Case U • 3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm) The image on page one shows Case U (flanged, short leads). Also available: • Flanged: leads bent down (case V) ‣ Tabbed: leads bent up (case W) ‣ Tabbed: short leads (case Y) ‣ Tabbed: leads bent down (case Z). ‣ See cases U, V, W, Y, and Z for dimensions and options. • Weight (maximum) 77 grams typical cases U, V, W, Y, and Z • screening The FME28 EMI Input filter offers Standard, /ES or 883, Class H, QML screening. See page 13 “883 (Class H, QML), Standard and /ES (non-QML)” screening table for more information. Positive Input Input Common Positive Output Output Common FME28-461 FIguRe 2: scheMatIc +Vin +Vout Input Common Output Common Case RL RL EMI FILTER DC/DC CONVERTER +Vin +Vout Input Common Output Common Case Chassis ground Multiple units allowed up to rated output current of filter FIguRe 1: cOnnectIOn dIagRaM The case ground connection between the filter and the converter should be as low an impedance as possible to minimize EMI. Direct contact of baseplate to chassis ground provides the lowest impedance. Crane Aerospace & Electronics Power Solutions www.interpoint.com Page 2 of 13 FMe28-461 eMi input Filters 28 Volt input – 15 aMp FME28 Rev C - 20100226 |