| データシートサーチシステム |
|
MFK2828S/883 データシート(PDF) 4 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MFK2828S/883 データシート(HTML) 4 Page - Interpoint Corporation Company |
|
4 / 23 page ![]() MOdeLnUMbeRIngKey MFK 28 12 D F / 883 Base Model Input Voltage Output Voltage Screening Number of Outputs (S = single, D = dual) (R = decimal point, 3R3 = 3.3 Vout) (Standard screening has no designator in this position.) Case Option (Non-flanged case has no designator in this position) sMdnUMbeRs Standard MicrOcircuit drawing (SMd) MFK SiMilar part 5962-1421001HXC MFK281R8S/883 5962-1421002HXC MFK282R5S/883 5962-1421003HXC MFK283R3S/883 5962-1421004HXC MFK2805S/883 5962-1421009HXC IN PROCESS MFK285R2S/883 5962-1421005HXC MFK285R7S/883 5962-1421006HXC MFK2812S/883 5962-1421007HXC MFK2815S/883 5962-1421008HTC MFK2828S/883 5962-1421101HXC MFK2805D/883 5962-1421102HXC MFK2807D/883 5962-1421103HXC MFK2812D/883 5962-1421104HXC MFK2815D/883 The SMD number shown is for Class H screening, non-flanged. To indicate the flanged case option change the “X” to “Z” In the SMD number (“T” to “U” for 28 single). For exact specifications for an SMD product, refer to the SMD drawing. SMDs can be downloaded from: http://www.landandmaritime.dla.mil/programs/smcr MOdeLnUMbeROPtIOns tO deterMine the MOdel nuMber enter One OptiOn FrOM each categOry in the FOrM belOw . CAtegORy baseModeland Inputvoltage Outputvoltage1 numberof Outputs2 CaseOptions3 screening4 options MFK28 1R8, 2R5, 3R3, 05 5R2, 5R7, 12, 15, 28 S (non-flanged, leave blank) (standard, leave blank) 05, 07, 12, 15 D F (flanged) ES 883 FILLInFOR MOdeL# MFK28 / Notes 1. Output Voltage: An R indicates a decimal point. 1R8 is 1.8 volts out. The values of 1.8, 2.5, 3.3 and 5.7 volts are only available in single output models. 2. Number of Outputs: S is a single output and D is a dual output. 3. Case Options: For the standard case, Figure 32 on page 18 or Figure 33 on page 19, leave the case option blank. For the flanged case option, Figure 34 on page 20 or Figure 35 on page 21, insert the letter F in the Case Option position. 4. Screening: For standard screening leave the screening option blank. For other screening options, insert the desired screening level. For more information see Table 11 on page 22 and Table 12 on page 23. Figure 5: MoDeL nuMbering key tAbLe 3: sMD Cross reFerenCe tAbLe 4: MoDeL nuMber oPtions Crane Aerospace & Electronics Power Solutions MFKsingleanddualdC-dCConverters 28 Volt input – 25 Watt www.craneae.com/interpoint Page 4 of 23 MFK Rev AJ - 2016.04.25 16tO50vOLtsInPUt–25WAtt |