| データシートサーチシステム |
|
STF28-461 データシート(PDF) 8 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
STF28-461 データシート(HTML) 8 Page - Interpoint Corporation Company |
|
8 / 10 page ![]() Class H and K, MIl-PRF-38534 ElEMEnt EvaluatIon COmpOnent-level test perfOrmed spaCe prOtOtype (O) nOn-Qml1 Class h Qml Class k Qml M/s2 P3 M/s2 P3 M/s2 P3 Element Electrical yes no yes yes yes yes Element Visual no no yes yes yes yes Internal Visual no N/A yes N/A yes N/A Temperature Cycling no no no no yes yes Constant Acceleration no no no no yes yes Interim Electrical no N/A no N/A yes N/A Burn-in no N/A no N/A yes N/A Post Burn-in Electrical no N/A no N/A yes N/A Steady State Life no N/A no N/A yes N/A Voltage Conditioning Aging N/A no N/A no N/A yes Visual Inspection no no N/A no N/A yes Final Electrical no no yes yes yes yes Wire Bond Evaluation4 no no yes yes yes yes SEM no N/A no N/A yes N/A SLAM™/C-SAM: Input capacitors only (Add’l test, not req. by H or K) no no no yes no yes Notes: 1. Non-QML products do not meet all of the requirements of MIL-PRF-38534. 2. M/S = Active components (Microcircuit and Semiconductor Die) 3. P = Passive components 4. Not applicable to EMI filters that have no wirebonds. Definitions: Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534 SEM: Scanning Electron Microscopy SLAM™: Scanning Laser Acoustic Microscopy C-SAM: C - Mode Scanning Acoustic Microscopy Crane Aerospace & Electronics Power Solutions STF28-461 EMI Input Filters Page 8 of 10 RevA-20070509 28 VOlT INPuT – 0.8 aMP www.craneae.com |