データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR02AKS-R2 データシート(PDF) 19 Page - Analog Devices

部品番号 ADR02AKS-R2
部品情報  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR02AKS-R2 データシート(HTML) 19 Page - Analog Devices

Back Button ADR02AKS-R2 Datasheet HTML 12Page - Analog Devices ADR02AKS-R2 Datasheet HTML 13Page - Analog Devices ADR02AKS-R2 Datasheet HTML 14Page - Analog Devices ADR02AKS-R2 Datasheet HTML 15Page - Analog Devices ADR02AKS-R2 Datasheet HTML 16Page - Analog Devices ADR02AKS-R2 Datasheet HTML 17Page - Analog Devices ADR02AKS-R2 Datasheet HTML 18Page - Analog Devices ADR02AKS-R2 Datasheet HTML 19Page - Analog Devices ADR02AKS-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 19 of 20
ORDERING GUIDES
ADR01 ORDERING GUIDE
Output
Voltage
Initial
Accuracy
Temperature
Coefficient
Model
VO (V)
(mV)
(%)
(ppm/°C)
Package
Description
Package
Option
Top
Mark1
Number of
Parts per
Reel/Tray
Temperature
Range (°C)
ADR01AR
10
10
0.1
10
SOIC-8
R-8
ADR01
98
–40 to +125
ADR01AR-REEL7
10
10
0.1
10
SOIC-8
R-8
ADR01
1,000
–40 to +125
ADR01BR
10
5
0.05
3
SOIC-8
R-8
ADR01
98
–40 to +125
ADR01BR-REEL7
10
5
0.05
3
SOIC-8
R-8
ADR01
1,000
–40 to +125
ADR01AUJ-REEL7
10
10
0.1
25
TSOT-23-5
UJ-5
R8A
3,000
–40 to +125
ADR01AUJ-R2
10
10
0.1
25
TSOT-23-5
UJ-5
R8A
250
–40 to +125
ADR01BUJ-REEL7
10
5
0.05
9
TSOT-23-5
UJ-5
R8B
3,000
–40 to +125
ADR01BUJ-R2
10
5
0.05
9
TSOT-23-5
UJ-5
R8B
250
–40 to +125
ADR01AKS-REEL7
10
10
0.1
25
SC70
KS-5
R8A
3,000
–40 to +125
ADR01AKS-R2
10
10
0.1
25
SC70
KS-5
R8A
250
–40 to +125
ADR01BKS-REEL7
10
5
0.05
9
SC70
KS-5
R8B
3,000
–40 to +125
ADR01BKS-R2
10
5
0.05
9
SC70
KS-5
R8B
250
–40 to +125
ADR01CRZ2
10
10
0.1
40
SOIC-8
R-8
ADR01
98
–40 to +125
ADR01CRZ-REEL2
10
10
0.1
40
SOIC-8
R-8
ADR01
2,500
–40 to +125
ARR01NBC
10
5
0.05
10 (Typ)
Dice
360
1 First line shows part number ADR01; second line shows A or B for the grade, with the YYMM date code; third line shows the lot number.
2 Z = Pb-free part.
ADR02 ORDERING GUIDE
Output
Voltage
Initial
Accuracy
Temperature
Coefficient
Model
VO (V)
(mV)
(%)
(ppm/°C)
Package
Description
Package
Option
Top
Mark1
Number of
Parts per
Reel/Tray
Temperature
Range (°C)
ADR02AR
5
5
0.1
10
SOIC-8
R-8
ADR02
98
–40 to +125
ADR02AR-REEL
5
5
0.1
10
SOIC-8
R-8
ADR02
1,000
–40 to +125
ADR02AR-REEL7
5
5
0.1
10
SOIC-8
R-8
ADR02
1,000
–40 to +125
ADR02ARZ2
5
5
0.1
10
SOIC-8
R-8
ADR02
98
–40 to +125
ADR02ARZ-REEL2
5
5
0.1
10
SOIC-8
R-8
ADR02
2,500
–40 to +125
ADR02BR
5
3
0.06
3
SOIC-8
R-8
ADR02
98
–40 to +125
ADR02BR-REEL7
5
3
0.06
3
SOIC-8
R-8
ADR02
1,000
–40 to +125
ADR02AUJ-REEL7
5
5
0.1
25
TSOT-23-5
UJ-5
R9A
3,000
–40 to +125
ADR02AUJ-R2
5
5
0.1
25
TSOT-23-5
UJ-5
R9A
250
–40 to +125
ADR02BUJ-REEL7
5
3
0.06
9
TSOT-23-5
UJ-5
R9B
3,000
–40 to +125
ADR02BUJ-R2
5
3
0.06
9
TSOT-23-5
UJ-5
R9B
250
–40 to +125
ADR02AKS-REEL7
5
5
0.1
25
SC70
KS-5
R9A
3,000
–40 to +125
ADR02AKS-R2
5
5
0.1
25
SC70
KS-5
R9A
250
–40 to +125
ADR02BKS-REEL7
5
3
0.06
9
SC70
KS-5
R9B
3,000
–40 to +125
ADR02BKS-R2
5
3
0.06
9
SC70
KS-5
R9B
250
–40 to +125
ADR02CRZ2
5.0
5
0.1
40
SOIC-8
R-8
ADR02
98
–40 to +125
ADR02CRZ-REEL2
5.0
5
0.1
40
SOIC-8
R-8
ADR02
2500
–40 to +125
ARR02NBC
5
3
0.06
10 (Typ)
Dice
360
1 First line shows part number ADR02; second line shows A or B for the grade, with the YYMM date code; third line shows the lot number.
2 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20