| データシートサーチシステム |
|
AT45DB1282 データシート(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB1282 データシート(HTML) 21 Page - ATMEL Corporation |
|
21 / 35 page ![]() 21 AT45DB1282 2472C–DFLSH–11/03 Main Memory Page Read Main Memory Page to Buffer Transfer (Data from Flash Page Read into Buffer) Buffer Read SI or I/O7 - I/O0 (INPUT) CMD xxx...PA13 PA12-5 BA7-0 X X CS n n+1 SO or I/O7 - I/O0 (OUTPUT) PA4-0, BA10-8 24 Cycles for Serial 19 Cycles for Parallel Starts reading page data into buffer SI or I/O7 - I/O0 (INPUT) CMD XX...PA13 PA12-5 X CS SO or I/O7 - I/O0 (OUTPUT) PA4-0, XXX I/O7-I/O0 (INPUT) CMD X X···X, BFA10-8 BFA7-0 CS n n+1 I/O7-I/O0 (OUTPUT) X ADDR ADDR X 1 Dummy Byte (Serial) 2 Dummy Bytes (Parallel) Each transition represents 8 bits n = 1st byte read n+1 = 2nd byte read |