| データシートサーチシステム |
|
CPC5601D データシート(PDF) 12 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
CPC5601D データシート(HTML) 12 Page - IXYS Corporation |
|
12 / 15 page ![]() INTEGRATED CIRCUITS DIVISION CPC5601 12 www.ixysic.com R04 3.3.1 LITELINK III 3.3.2 LITELINK II 1. Hold the input low for 50 S. 2. Set the input high for 50 S to trigger the timer. 3. Set the input low for 150 S to set output b1 to off. 4. Repeat the steps as shown in the programming waveform below to program all six outputs to the desired pattern. Figure 7. LITELINK III European Programming Sample Input Waveform Figure 8. LITELINK II European Programming Sample Input Waveform b1 (LSB) b2 b3 b4 b5 b6 (MSB) off off on off on off b1 (LSB) b2 b3 b4 b5 b6 (MSB) off off on on on off t0 50 S/div. setup setup setup setup setup setup timer trigger timer trigger timer trigger timer trigger timer trigger timer trigger bit 1 set off bit 2 set off bit 3 set on bit 4 set off bit 5 set on bit 6 set off t0 50 S/div. setup setup setup setup setup setup timer trigger timer trigger timer trigger timer trigger timer trigger timer trigger bit 1 set off bit 2 set off bit 3 set on bit 4 set on bit 5 set on bit 6 set off |