データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT86RF211 データシート(PDF) 40 Page - ATMEL Corporation

部品番号 AT86RF211
部品情報  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 データシート(HTML) 40 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 36Page - ATMEL Corporation AT86RF211 Datasheet HTML 37Page - ATMEL Corporation AT86RF211 Datasheet HTML 38Page - ATMEL Corporation AT86RF211 Datasheet HTML 39Page - ATMEL Corporation AT86RF211 Datasheet HTML 40Page - ATMEL Corporation AT86RF211 Datasheet HTML 41Page - ATMEL Corporation AT86RF211 Datasheet HTML 42Page - ATMEL Corporation AT86RF211 Datasheet HTML 43Page - ATMEL Corporation AT86RF211 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
40
AT86RF211
1942C–WIRE–06/02
Wake-upDataRegister (WUD)
Note:
To use this mode, please refer to the corresponding application note.
Table 23. WUD Overview
Name
WUD
nbit
(data length -1) - 0
Table 24. WUD Detailed Description
Name
Number of bits
Comments
WUD
Length
Wake-up message data
Warning: The length of this register is variable:
* case fixed data length (STOP = 0 of WUC) data length is given by DATL of WUC.
* case variable data length (STOP = 1 of WUC) data length is given by MSGDATL of STAT register.
Warning: The first bit of received data is the LSB: WUD[0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48