データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT86RF211DAI-R データシート(PDF) 47 Page - ATMEL Corporation

部品番号 AT86RF211DAI-R
部品情報  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211DAI-R データシート(HTML) 47 Page - ATMEL Corporation

Back Button AT86RF211DAI-R Datasheet HTML 40Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 41Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 42Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 43Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 44Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 45Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 46Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 47Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 48Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
47
AT86RF211
1942C–WIRE–06/02
Packaging
Information
48 lead TQFP
Ordering information
Dimension
Nominal Value (mm)
Tolerance
Dimension
Nominal Value (inch)
Tolerance
A
1.60
max
A
0.063
max
A1
0.05 min/0.15 max
A1
0.002 min/0.06 max
A2
1.40
±0.05
A2
0.055
±0.002
D9.00
±0.20
D
0.354
±0.008
D1
7.00
±0.10
D1
0.275
±0.004
E
9.00
±0.20
E
0.354
±0.008
E1
7.00
±0.10
E1
0.275
±0.004
L
0.60
+0.15/-0.10
L
0.024
+0.006/-0.004
e
0.50
basic
e
0.020
basic
b
0.22
±0.05
b
0.009
±0.002
ccc
0.1
max
ccc
0.004
max
Full Part Number
Package
Conditionning
AT86RF211 DAI
TQFP48
Tray
AT86RF211 DAI-R
TQFP48
Tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48