| データシートサーチシステム |
|
AT89C5131-RDTIL データシート(PDF) 77 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5131-RDTIL データシート(HTML) 77 Page - ATMEL Corporation |
|
77 / 176 page ![]() 77 AT89C5131 4136B–USB–09/03 Table 62. IEN0 Register IEN0 - Interrupt Enable Register (A8h) Reset Value = 0000 0000b Bit addressable 7 6 5 4 3 2 1 0 EA EC ET2 ES ET1 EX1 ET0 EX0 Bit Number Bit Mnemonic Description 7EA Enable All interrupt bit Cleared to disable all interrupts. Set to enable all interrupts. 6EC PCA interrupt enable bit Cleared to disable. Set to enable. 5ET2 Timer 2 overflow interrupt Enable bit Cleared to disable Timer 2 overflow interrupt. Set to enable Timer 2 overflow interrupt. 4ES Serial port Enable bit Cleared to disable serial port interrupt. Set to enable serial port interrupt. 3ET1 Timer 1 overflow interrupt Enable bit Cleared to disable Timer 1 overflow interrupt. Set to enable Timer 1 overflow interrupt. 2EX1 External interrupt 1 Enable bit Cleared to disable external interrupt 1. Set to enable external interrupt 1. 1ET0 Timer 0 overflow interrupt Enable bit Cleared to disable timer 0 overflow interrupt. Set to enable timer 0 overflow interrupt. 0EX0 External interrupt 0 Enable bit Cleared to disable external interrupt 0. Set to enable external interrupt 0. |