データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SE2490 データシート(PDF) 1 Page - Seaward Electronics Inc.

部品番号 SE2490
部品情報  2.8A竊똚ide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEAWARD [Seaward Electronics Inc.]
ホームページ  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE2490 データシート(HTML) 1 Page - Seaward Electronics Inc.

  SE2490 Datasheet HTML 1Page - Seaward Electronics Inc. SE2490 Datasheet HTML 2Page - Seaward Electronics Inc. SE2490 Datasheet HTML 3Page - Seaward Electronics Inc. SE2490 Datasheet HTML 4Page - Seaward Electronics Inc. SE2490 Datasheet HTML 5Page - Seaward Electronics Inc. SE2490 Datasheet HTML 6Page - Seaward Electronics Inc. SE2490 Datasheet HTML 7Page - Seaward Electronics Inc. SE2490 Datasheet HTML 8Page - Seaward Electronics Inc. SE2490 Datasheet HTML 9Page - Seaward Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics Inc., 2014. • www.seawardinc.com.cn • Page 1
SE2490
2.8A,Wide-Input Sensorless CC/CV Step-Down
DC/DC Converter
Typical Application
Description
SE2490 is a wide input voltage, high efficiency
Active CC step-down DC/DC converter that operates
in either CV (Constant Output Voltage) mode or CC
(Constant Output Current) mode.
SE2490
consists
of
step-down
switching
regulator with PWM control. The device includes a
reference voltage source, oscillation circuit, error
amplifier and etc.
SE2490
provides
low-ripple
power,
high
efficiency, and excellent transient characteristics. The
PWM control circuit is able to the duty ratio linearly
forms 0 up to 90%. An over current protection function
is built outside that it can set by a resistance. An
external compensation is easily to system stable; the
low ESR output capacitor can be used.
With the addition of an internal N-channel Power
MOS, a coil, capacitors, and a diode connected
externally, these ICs can function as step-down
switching regulators. They serve as ideal power
supply units for portable devices when coupled with
the PSOP-8 packages, providing such outstanding
features as low current consumption. Since this
converter can accommodate an input voltage up to
36V.
Features
Input Voltage:8V to 36V
Vout Accuracy (VFB=1V) ±2%
CC/CV mode(Constant Current and Constant
Voltage)
Up to 2.8A output current
±3%/±5%/15%Current limit Accuracy
Duty ratio:0% to 90% PWM control
Oscillation frequency:250KHz
Thermal Shutdown function.
Short Circuit Protect (SCP).
Built-in internal LX N-channel MOS.
Current mode non-synchronous PWM converter
External current limit setting.
Over Voltage Protection5.8V.
Built in adjustable line-compensation.
PSOP-8 Pb-Free package
Application
Car charger
Portable charger Device.


同様の部品番号 - SE2490

メーカー部品番号データシート部品情報
logo
SiGe Semiconductor, Inc...
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
SE2425U-EK1 SIGE-SE2425U-EK1 Datasheet
225Kb / 10P
RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
SE2425U-R SIGE-SE2425U-R Datasheet
225Kb / 10P
RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
logo
Skyworks Solutions Inc.
SE2425U-R SKYWORKS-SE2425U-R Datasheet
1Mb / 17P
The Right Products for Your System Applications
SE2431L SKYWORKS-SE2431L Datasheet
405Kb / 10P
SE2431L: 2.4 GHz ZigBee짰/802.15.4 Front-End Module
More results

同様の説明 - SE2490

メーカー部品番号データシート部品情報
logo
Active-Semi, Inc
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513_12 Datasheet
673Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_12 Datasheet
463Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
EA4533AYH ACTIVE-SEMI-EA4533AYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com