データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN54HC00TDF2 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN54HC00TDF2
部品情報  Quadruple 2-Input Positive-NAND Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC00TDF2 データシート(HTML) 2 Page - Texas Instruments

  SN54HC00TDF2 Datasheet HTML 1Page - Texas Instruments SN54HC00TDF2 Datasheet HTML 2Page - Texas Instruments SN54HC00TDF2 Datasheet HTML 3Page - Texas Instruments SN54HC00TDF2 Datasheet HTML 4Page - Texas Instruments SN54HC00TDF2 Datasheet HTML 5Page - Texas Instruments SN54HC00TDF2 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SN54HC00-DIE
SCLS747 – FEBRUARY 2014
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
3 Bare Die Information
BACKSIDE
BOND PAD
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
THICKNESS
10.5 mils.
Silicon with backgrind
Floating
TiW/AlCu2%
1199 nm
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: SN54HC00-DIE



Html Pages

1 2 3 4 5 6