データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SE9018 データシート(PDF) 1 Page - Seaward Electronics Inc.

部品番号 SE9018
部品情報  1A Standalone Linear Li-lon Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEAWARD [Seaward Electronics Inc.]
ホームページ  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE9018 データシート(HTML) 1 Page - Seaward Electronics Inc.

  SE9018 Datasheet HTML 1Page - Seaward Electronics Inc. SE9018 Datasheet HTML 2Page - Seaward Electronics Inc. SE9018 Datasheet HTML 3Page - Seaward Electronics Inc. SE9018 Datasheet HTML 4Page - Seaward Electronics Inc. SE9018 Datasheet HTML 5Page - Seaward Electronics Inc. SE9018 Datasheet HTML 6Page - Seaward Electronics Inc. SE9018 Datasheet HTML 7Page - Seaward Electronics Inc. SE9018 Datasheet HTML 8Page - Seaward Electronics Inc. SE9018 Datasheet HTML 9Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics Inc., 2013. • www.seawardinc.com.cn • Page 1
SE9018
1A Standalone Linear Li-lon Battery Charger
Typical Application
Description
The SE9018 is a complete constant - current &
constant-voltage linear charger for single cell
lithium-ion batteries. Its PSOP8 package and low
external component count make the SE9018
ideally suited for portable applications. Further
more , the SE9018 can work within USB and wall
adapter.
No blocking diode is required due to the
internal PMOSFET architecture and have prevent
to negative Charge Current Circuit. Thermal
feedback regulates the charge current to limit the
die temperature during high power operation or
high ambient temperature. The charge voltage is
fixed at 4.2V, and the charge current can be
programmed externally with a single resistor. The
SE9018 automatically terminates the charge cycle
when the charge current drops to 1/10th the
programmed value after the final float voltage is
reached.
SE9018
Other
features
include
current
monitor, under voltage lockout, automatic recharge
and two status pin to indicate charge termination
and the presence of an input voltage.
Features
Programmable Charge Current Up to 1000mA
No MOSFET, Sense Resistor or Blocking
Diode Required
Complete Linear Charger in SOP-8
Package
for Single Cell Lithium-Ion Batteries
Constant-Current/Constant-Voltage
Charges Single Cell Li-Ion Batteries Directly
from USB Port
Preset 4.2V Charge Voltage with 1.5%
Accuracy
Automatic Recharge
Two Charge Status Output Pins
C/10 Charge Termination
2.9V Trickle Charge Threshold
Soft-Start Limits Inrush Current
Available Radiator in PSOP8 Package, the
Radiator need connect GND or impending
Application
Charging Docks and Cradles
Cellular Telephones, PDAs, GPS
MP3、MP4 Player
Digital Still Cameras, Portable Devices
USB Bus-Powered Chargers, Chargers


同様の部品番号 - SE9018

メーカー部品番号データシート部品情報
logo
Seaward Electronics Inc...
SE9011 SEAWARD-SE9011 Datasheet
294Kb / 8P
Standalon Linear Lithum Battery Charger
SE9014 SEAWARD-SE9014 Datasheet
514Kb / 11P
Standalon Linear Lithum Battery Charger
SE9016 SEAWARD-SE9016 Datasheet
312Kb / 8P
Standalone Linear Lithium Battery Charger
SE9016 SEAWARD-SE9016_12 Datasheet
436Kb / 10P
Standalone Linear Lithium Battery Charger
SE9017 SEAWARD-SE9017 Datasheet
408Kb / 11P
Standalone Linear Lithium Battery Charger
More results

同様の説明 - SE9018

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC4061 LINER-LTC4061 Datasheet
665Kb / 20P
Standalone Linear Li-lon Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_05 Datasheet
790Kb / 20P
Standalone Linear Li-lon Battery Charger with Thermistor Input
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
Standalone Linear Li-lon Battery Charger with Thermal Regulation
TD9056 TECHCODE-TD9056 Datasheet
427Kb / 10P
1A Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD8003 SHOUDING-SD8003 Datasheet
1Mb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4057D HMSEMI-HM4057D Datasheet
314Kb / 6P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
TP4056 ETC2-TP4056 Datasheet
48Kb / 3P
1A Standalone Linear Li-lon Battery Charger with Thermal Regulation in SOP-8
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com