| データシートサーチシステム |
|
SS248ESOT データシート(PDF) 5 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS248ESOT データシート(HTML) 5 Page - SEC Electronics Inc. |
|
5 / 10 page ![]() SS248 CMOS Omnipolar High Sensitivity Micropower Hall Switch 5 V3.10 Nov 1, 2013 Operating Parameters: TA = 25°C, VDD=2.75VDC. PARAMETER Symbol Min Type Max Units Operating Point Bop - +/-35 +/-60 Gs Release Point Brp +/-5 +/-21 - Gs Hysteresis Bhys - 14 - Gs ESD Protection Human Body Model (HBM) tests according to: Mil. Std. 883F method 3015.7 Parameter Symbol Limit Values Unit Notes Min Max ESD Voltage VESD ±4 kV Performance Characteristics |