| データシートサーチシステム |
|
SS443LSOT データシート(PDF) 4 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS443LSOT データシート(HTML) 4 Page - SEC Electronics Inc. |
|
4 / 6 page ![]() SS443 Unipolar Hall-Effect Digital Switch 4 V3.10 Nov 1, 2013 General Electrical Specifications DC Operating Parameters TA = 25°C, VDD= 4.5V to 24V (unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units Supply Voltage VDD Operating 4.5 24 V Supply Current IDD B < BRP 4 5 7 mA Output Saturation Voltage VDSon IOUT = 20mA, B > BOP 0.3 0.5 V Output Leakage Current IOFF B < BRP VOUT = 24V 0.1 10 µA Output Rise Time tr RL = 820Ω, CL = 20pF 0.04 2.0 µs Output Fall Time tf RL =820Ω, CL = 20pF 0.18 2.0 µs Magnetic Specifications DC Operating Parameters VDD = 4.5V to 24V (unless otherwise specified) Package Parameter Symbol Test Conditions Min Typ Max Units UA Operating Point BOP Ta=25°C,Vdd=12V DC 150 170 190 G Release Point BRP 100 125 160 G Hysteresis BHYST 45 G SO Operating Point BOP Ta=25°C,Vdd=12V DC -190 -170 -150 G Release Point BRP -160 -125 -100 G Hysteresis BHYST 45 G Output Behavior versus Magnetic Pole DC Operating Parameters TA = -40°C to 150°C, VDD = 4.5V to 24V (unless otherwise specified) Test Conditions (UA) Test Conditions (SO) OUT B < BRP B > BRP High B > BOP B < BOP Low The SOT-23 device is reversed from the UA package. The SOT-23 output transistor will be turned on(drops low) in the presence of a sufficiently strong North pole magnetic field applied to the marked face. |