| データシートサーチシステム |
|
LM3555TLX/NOPB データシート(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM3555TLX/NOPB データシート(HTML) 21 Page - Texas Instruments |
|
21 / 38 page ![]() Shutdown External Torch Standby Output On Strobe Flash Level Strobe Flash Edge Internal Flash External Torch Assist Light Red Indicator 21 LM3555 www.ti.com SNVS594G – DECEMBER 2008 – REVISED APRIL 2016 Product Folder Links: LM3555 Submit Documentation Feedback Copyright © 2008–2016, Texas Instruments Incorporated Device Functional Modes (continued) (1) I2C/EN = 0 Table 1. Simple Mode Truth Table(1) EN1 EN2 TORCH MODE 0 0 0 shutdown 0 0 1 external torch 0 1 X assist light 1 0 X indicator 1 1 X flash (1) I2C/EN = 1, SCL and SDA = X Figure 40. I2C Control State Diagram Table 2. I2C Mode Truth Table(1) OEN OM1 OM0 TEN SEN TORCH STROBE MODE 0 0 0 0 X X X standby 0 0 0 1 X 0 X standby 0 0 0 1 X 1 X external torch 0 0 1 X X X X atandby 0 1 0 X X X X atandby 0 1 1 X X X X atandby 1 0 0 X X 0 X atandby 1 0 0 X X 1 X external torch 1 0 1 X X X X indicator 1 1 0 X X X X assist 1 1 1 X 0 X X internal flash 1 1 1 X 1 X 0 atandby 1 1 1 X 1 X 1 strobe flash |