データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS2406ESOT データシート(PDF) 8 Page - SEC Electronics Inc.

部品番号 SS2406ESOT
部品情報  Hall Latch - High Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECELECTRONICS [SEC Electronics Inc.]
ホームページ  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS2406ESOT データシート(HTML) 8 Page - SEC Electronics Inc.

  SS2406ESOT Datasheet HTML 1Page - SEC Electronics Inc. SS2406ESOT Datasheet HTML 2Page - SEC Electronics Inc. SS2406ESOT Datasheet HTML 3Page - SEC Electronics Inc. SS2406ESOT Datasheet HTML 4Page - SEC Electronics Inc. SS2406ESOT Datasheet HTML 5Page - SEC Electronics Inc. SS2406ESOT Datasheet HTML 6Page - SEC Electronics Inc. SS2406ESOT Datasheet HTML 7Page - SEC Electronics Inc. SS2406ESOT Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SS2406
Hall Latch - High Sensitivity
8
V3.10
Nov 1, 2013
Package SO, 3-Pin SOT-23:
SOT-23 Package Hall Location:
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS2406ESOT
YES
-40°C to 85°C
SOT-23
7-in. reel, 3000 pieces/reel
SS2406EUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/bag
SS2406KSOT
YES
-40°C to 125°C
SOT-23
7-in. reel, 3000 pieces/reel
SS2406KUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/bag
SS2406LSOT
YES
-40°C to 150°C
SOT-23
7-in. reel, 3000 pieces/reel
SS2406LUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/bag
0.56
0.66
0.95
1.50
Chip
3
2
1
Bottom View of SOT-23 Package
2.70
3.10
1.00
1.30
0.70
0.90
0.00
0.10
0.35
0.50
0.10
0.25
0.20
Min
2.60
3.00
1.50
1.80
1.70
2.10
3
2
1
Top
Side Vie
End
Notes
1). PINOUT:
Pin 1 VDD
Pin 2 Output
Pin 3 GND
2). All dimensions are in millimeters;



Html Pages

1 2 3 4 5 6 7 8