| データシートサーチシステム |
|
SS3413EUA データシート(PDF) 5 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS3413EUA データシート(HTML) 5 Page - SEC Electronics Inc. |
|
5 / 10 page ![]() SS3413 CMOS Omnipolar High Sensitivity Micropower Hall Switch 5 V3.10 Nov 1, 2013 ESD Protection Human Body Model (HBM) tests according to: Mil. Std. 883F method 3015.7 Parameter Symbol Limit Values Unit Notes Min Max ESD Voltage VESD ±4 kV Performance Characteristics Unique Features CMOS Hall IC Technology The chopper stabilized amplifier uses switched capacitor techniques to eliminate the amplifier offset voltage, which, in bipolar devices, is a major source of temperature sensitive drift. CMOS makes this advanced technique possible. The CMOS chip is also much smaller than a bipolar chip, allowing very sophisticated circuitry to be placed in less space. The small chip size also contributes to lower physical stress and less power consumption. |