| データシートサーチシステム |
|
PDM データシート(PDF) 2 Page - DDK Ltd. |
|
|
|||||||||||||||||||||||||||||
PDM データシート(HTML) 2 Page - DDK Ltd. |
|
2 / 4 page ![]() Unit:mm http://www.ddknet.co.jp PDM Series 2 ◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice. Moreover, the characteristic and the specification of the published product are the reference values. Please confirm the content with the latest delivery specifications when you use the product. ○ Plug Connector Part Number Applicable Cable PDM-SP-141-SO-CF UT-141A, FCCAVG0 Part Number Applicable Cable PDM-SP-85-SO-CF UT-85, FCCAVG1 Part Number Applicable Cable PDM-LP-141-SO-CF UT-141A, FCCAVG0 Part Number Applicable Cable PDM-LP-85-SO-CF UT-85, FCCAVG1 for Semi-Rigid, Semi-flexible Cable (14.5) (18.4) (19.3) (19) (23.7) (19.3) (14.5) (18.4) (19.3) (19) (23.7) (19.3) (14.5) (18.4) (19.3) (19) (23.7) (19.3) (14.5) (18.4) (19.3) (19) (23.7) (19.3) Part Number Applicable Cable Crimp Tool PDM-SP-1.5DW-CR1-CF 1.5D-QEW CR-H-1156 PDM-SP-2.5DHQS-CR1-CF 2.5D-HQ・SUPER CR-H-1163 2.6D-XFV-A (14.5) (18.4) (19.3) (19) (23.7) (19.3) Crimp Type Part Number Applicable Cable Crimp Tool PDM-LP-1.5DW-CR1-CF 1.5D-QEW CR-H-1156 (14.5) (18.4) (19.3) (19) (23.7) (19.3) ((Note)Utilize center conductor of the applicable .cable |