データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP8441VLJ-40 データシート(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DP8441VLJ-40
部品情報  microCMOS Programmable 16/64 Mbit Dynamic RAM Controller/Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8441VLJ-40 データシート(HTML) 43 Page - National Semiconductor (TI)

Back Button DP8441VLJ-40 Datasheet HTML 38Page - National Semiconductor (TI) DP8441VLJ-40 Datasheet HTML 39Page - National Semiconductor (TI) DP8441VLJ-40 Datasheet HTML 40Page - National Semiconductor (TI) DP8441VLJ-40 Datasheet HTML 41Page - National Semiconductor (TI) DP8441VLJ-40 Datasheet HTML 42Page - National Semiconductor (TI) DP8441VLJ-40 Datasheet HTML 43Page - National Semiconductor (TI) DP8441VLJ-40 Datasheet HTML 44Page - National Semiconductor (TI) DP8441VLJ-40 Datasheet HTML 45Page - National Semiconductor (TI) DP8441VLJ-40 Datasheet HTML 46Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
130 Errata for DP844041 (Continued)
ERRATUM
5
When operating in Page Mode an access cannot start on
the clock edge immediately following the negation of
DTACK If back-to-back accesses are done in this way the
CAS signals will remain low during a refresh as shown in the
timing diagram
Recommended Fix
There should be at least one idle clock between the nega-
tion of DTACK and the start of a new access
Illegal Back-to-Back Accesses in Page Mode
TLF11718 – 45
ERRATUM
6
When starting a page access there is a hold time from the
rising edge of the clock when ADS cannot assert This hold
time (parameter 423 in the datasheet) is 4 ns and only ap-
plies when operating in Page Mode
Recommended Fix
ADS assertion should be delayed at least 4 ns from the
rising edge of the clock when in Page Mode operation
Parameter 423 ADS Hold Time before Assertion
TLF11718 – 46
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46