データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4050QML データシート(PDF) 2 Page - Texas Instruments

部品番号 LM4050QML
部品情報  Precision Micropower Shunt Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4050QML データシート(HTML) 2 Page - Texas Instruments

  LM4050QML_16 Datasheet HTML 1Page - Texas Instruments LM4050QML_16 Datasheet HTML 2Page - Texas Instruments LM4050QML_16 Datasheet HTML 3Page - Texas Instruments LM4050QML_16 Datasheet HTML 4Page - Texas Instruments LM4050QML_16 Datasheet HTML 5Page - Texas Instruments LM4050QML_16 Datasheet HTML 6Page - Texas Instruments LM4050QML_16 Datasheet HTML 7Page - Texas Instruments LM4050QML_16 Datasheet HTML 8Page - Texas Instruments LM4050QML_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM4050QML
SNVS627G – JUNE 2010 – REVISED JULY 2013
www.ti.com
PIN DESCRIPTIONS
Pin Number
Pin Name
Function
1
GND/NC
Ground or No Connect
2
GND/NC
Ground or No Connect
3
GND/NC
Ground or No Connect
4
GND/NC
Ground or No Connect
5
GND
Ground
6
GND/NC
Ground or No Connect
7
GND/NC
Ground or No Connect
8
GND/NC
Ground or No Connect
9
GND/NC
Ground or No Connect
10
VREF
Reference Voltage
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Reverse Current
20 mA
Forward Current
10 mA
Power Dissipation (TA = 25°C)
(2)
CLGA Package
467 mW
Lead Temperature
(Soldering, 10 seconds)
CLGA Package
260°C
Storage Temperature
-65°C to +150°C
Package Weight (typical)
CLGA Package
241mg
ESD Tolerance (3)
Class 2 (2000V)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax − TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the
LM4050QML, TJmax = 125°C, and the typical thermal resistance (θJA), when board mounted, is 214°C/W for the 10-Lead Ceramic CLGA
package.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
(1)
Temperature Range
-55°C
≤ TA ≤ +125°C
Reverse Current
LM4050-2.5QML
60
μA to 15 mA
LM4050-5.0QML
74
μA to 15 mA
(1)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax − TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the
LM4050QML, TJmax = 125°C, and the typical thermal resistance (θJA), when board mounted, is 214°C/W for the 10-Lead Ceramic CLGA
package.
Package Thermal Resistance
θJA
θJA
Package
θJC
(Still Air)
(500LF/Min Air flow)
CLGA Package on 2
214°C/ W
147°C/ W
20.87°C/ W
layer, 1oz PCB
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM4050QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com