| データシートサーチシステム |
|
TMS320DM641 データシート(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM641 データシート(HTML) 36 Page - Texas Instruments |
|
36 / 171 page ![]() Pin Assignments 36 June 2003 − Revised August 2004 SPRS222C 1.9.2 Signal Groups Description TRST GP0[7]/EXT_INT7‡ IEEE Standard 1149.1 (JTAG) Emulation Reserved Reset and Interrupts Control/Status TDI TDO TMS TCK EMU0 EMU1 NMI GP0[6]/EXT_INT6‡ GP0[5]/EXT_INT5‡ GP0[4]/EXT_INT4‡ RESET RSV01 RSV02 Clock/PLL CLKIN CLKMODE1 CLKMODE0 PLLV EMU2 EMU3 EMU4 EMU5 GP0 (8-Bit) General-Purpose Input/Output 0 (GP0) Port GP0[7]/EXT_INT7‡ GP0[6]/EXT_INT6‡ GP0[5]/EXT_INT5‡ GP0[4]/EXT_INT4‡ GP0[3] CLKOUT6/GP0[2]† CLKOUT4/GP0[1]† GP0[0] CLKOUT6/GP0[2]† CLKOUT4/GP0[1]† EMU6 EMU7 EMU8 EMU9 EMU10 These pins are muxed with the GP0 pins and by default these signals function as clocks (CLKOUT4 or CLKOUT6). To use these muxed pins as GPIO signals, the appropriate GPIO register bits (GPxEN and GPxDIR) must be properly enabled and configured. For more details, see the Device Configurations section of this data sheet. † These pins are GP0 pins that can also function as external interrupt sources (EXT_INT[7:4]). Default after reset is EXT_INTx or GPIO as input-only. ‡ RSV00 EMU11 RSV92(124) RSV93(125) RSV91(123) Peripheral Control/Status TOUT0/MAC_EN Figure 1−5. CPU and Peripheral Signals |