| データシートサーチシステム |
|
SP332 データシート(PDF) 9 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
SP332 データシート(HTML) 9 Page - Exar Corporation |
|
9 / 11 page ![]() 9 Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com SP332_00_0260 SEL A 0 0 SEL B 0 0 LB SD 0 0 0 0 SP332 CONTROL LOGIC CONFIGURATION 28 T3 3 6 7 4 TX4 TX3 TX1 TX2 TI3 19 R1 16 15 RI1 RI2 RX1 T1 26 TI1 21 R3 18 17 RI3 RI4 RX3 28 T3 3 6 7 4 TX4 TX3 TX1 TX2 TI3 19 R1 16 15 RI1 RI2 RX1 T1 R3 RX3 21 26 TI1 17 RI3 T4 TI4 1 R4 RX4 22 18 RI4 26 T1 7 4 3 6 TX2 TX1 TX3 TX4 TI1 21 R3 18 17 RI3 RI4 RX3 T3 R1 RX1 19 28 TI3 15 RI1 T2 TI2 27 R2 RX2 20 16 RI2 26 T1 7 6 TX2 TX1 TI1 R1 RX1 19 15 RI1 T2 TI2 27 R2 RX2 20 16 RI2 4 TX3 T3 TI3 28 3 TX4 T4 TI4 1 R3 RX3 21 17 RI3 R4 RX4 22 18 RI4 SEL A 0 0 SEL B 0 0 LB 0 0 0 0 SD 0 0 0 0 26 T1 7 6 TX2 TX1 TI1 R1 RX1 19 15 RI1 T2 TI2 27 R2 RX2 20 16 RI2 4 TX3 T3 TI3 28 3 TX4 T4 TI4 1 R3 RX3 21 17 RI3 R4 RX4 22 18 RI4 26 T1 7 4 3 6 TX2 TX1 TX3 TX4 TI1 21 R3 18 17 RI3 RI4 RX3 T3 R1 RX1 19 28 TI3 15 RI1 T2 TI2 27 R2 RX2 20 16 RI2 28 T3 3 6 7 4 TX4 TX3 TX1 TX2 TI3 19 R1 16 15 RI1 RI2 RX1 T1 R3 RX3 21 26 TI1 17 RI3 T4 TI4 1 R4 RX4 22 18 RI4 28 T3 3 6 7 4 TX4 TX3 TX1 TX2 TI3 19 R1 16 15 RI1 RI2 RX1 T1 26 TI1 21 R3 18 17 RI3 RI4 RX3 Receiver Inputs are inactive in Loopback Mode (LOOPBACK = 0) Driver Outputs are Tri-stated in Loopback Mode (LOOPBACK = 0) Unused Outputs are Tri-stated |