データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS14196WM データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DS14196WM
部品情報  EIA/TIA-232 5 Driver x 3 Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14196WM データシート(HTML) 4 Page - National Semiconductor (TI)

  DS14196WM Datasheet HTML 1Page - National Semiconductor (TI) DS14196WM Datasheet HTML 2Page - National Semiconductor (TI) DS14196WM Datasheet HTML 3Page - National Semiconductor (TI) DS14196WM Datasheet HTML 4Page - National Semiconductor (TI) DS14196WM Datasheet HTML 5Page - National Semiconductor (TI) DS14196WM Datasheet HTML 6Page - National Semiconductor (TI) DS14196WM Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Parameter Measurement Information
Pin Descriptions
Pin #
Pin
Description
Name
2, 3, 4, 7, 9
D
IN
Driver Input Pins
12, 14, 17, 18, 19
D
OUT
Driver Output Pins, RS-232 Levels
13, 15, 16
R
IN
Receiver Input Pins, RS-232 Levels
5, 6, 8
R
OUT
Receiver Output Pins
10
GND
Ground
20
V
+
Positive Power Supply Pin (+9.0
≤ V+ ≤ +13.2)
11
V
−
Negative Power Supply Pin (−9.0
≤ V− ≤ −13.2)
1V
CC
Positive Power Supply Pin (+5V ±5%)
Applications Information
In a typical Data Terminal Equipment (DTE) to Data
Circuit-Terminating Equipment (DCE) 9-pin de-facto inter-
face implementation, 2 data lines and 6 control lines are re-
quired. The data lines are TXD and RXD. The control lines
are RTS, DTR, DSR, DCD, CTS and RI.
The DS14196 isa5x3 Driver/Receiver and offers a single
chip solutuion for this DTE interface. As shown in
Figure 5,
this interface allows for direct flow-thru interconnect. For a
more conservative design, the user may wish to insert
ground traces between the signal lines to minimize cross
talk.
FAILSAFE RECEIVER OUTPUTS
The DS14196 features failsafe receiver outputs. In failsafe
mode, if the receiver input becomes zero or an open-circuit,
the receiver output is pulled to a high level.
LapLink COMPATIBILITY
The DS14196 can easily provide 128 kbps data rate under
maximum driver load conditions of C
L = 2500 pF and RL = 3
k
Ω, while power supplies are:
V
CC = +4.75V, V
+ = 10.8V, V− = −10.8V
MOUSE DRIVING
A typical mouse can be powered from the drivers. Two driver
outputs connected in parallel and set to V
OH can be used to
supply power to the V
+ pin of the mouse. The third driver out-
put is set to V
OL to sink the current from the V
−terminal. Re-
fer to typical curves of V
OUT/IOUT.Typical mouse specifica-
tions are:
10 mA at +6V
5 mA at −6V
DS012613-3
FIGURE 1. Driver Propagation Delay and
Transition Time Test Circuit (Note 5)
DS012613-4
FIGURE 2. Driver Propagation Delay and Transition
Time Waveforms Slew Rate (SR) = 6V/(t
r or tf)
DS012613-5
FIGURE 3. Receiver Propagation Delay and Transition
Time Test Circuit (Note 6)
DS012613-6
FIGURE 4. Receiver Propagation Delay and
Transition Time Waveform
www.national.com
4



Html Pages

1 2 3 4 5 6 7