| データシートサーチシステム |
|
XRA1203 データシート(PDF) 7 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRA1203 データシート(HTML) 7 Page - Exar Corporation |
|
7 / 17 page ![]() XRA1203 7 REV. 1.0.0 16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET 1.2 Interrupts The table below summarizes the interrupt behavior of the different register settings for the XRA1203. TABLE 3: INTERRUPT GENERATION AND CLEARING BIT BIT BIT BIT BIT INTERRUPT GENERATED BY: INTERRUPT CLEARED BY: 1 0 X X X No interrupts enabled (default) N/A 1 1 0 0 0 A rising or falling edge on the input Reading the GSR register or if the input changes back to its previous state (state of input during last read to GSR) 1 A rising or falling edge on the input and remains in the new state for more than 1075ns 1 1 1 0 0 A rising edge on the input Reading the GSR register 1 A rising edge on the input and remains high for more than 1075ns 1 1 0 1 0 A falling edge on the input Reading the GSR register 1 A falling edge on the input and remains low for more than 1075ns 1 1 1 1 0 A rising or falling edge on the input Reading the GSR register 1 A rising or falling edge on the input and remains in the new state for more than 1075ns 0 x x x x No interrupts in output mode N/A GCR IER REIR FEIR IFR |