データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN761678 データシート(PDF) 8 Page - Texas Instruments

部品番号 SN761678
部品情報  TV/VCR TUNER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN761678 データシート(HTML) 8 Page - Texas Instruments

Back Button SN761678_14 Datasheet HTML 4Page - Texas Instruments SN761678_14 Datasheet HTML 5Page - Texas Instruments SN761678_14 Datasheet HTML 6Page - Texas Instruments SN761678_14 Datasheet HTML 7Page - Texas Instruments SN761678_14 Datasheet HTML 8Page - Texas Instruments SN761678_14 Datasheet HTML 9Page - Texas Instruments SN761678_14 Datasheet HTML 10Page - Texas Instruments SN761678_14 Datasheet HTML 11Page - Texas Instruments SN761678_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SN761678
TV/VCR TUNER
SLES104 − DECEMBER 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics
total device and serial interface
VCC = 4.5 to 5.5 V, TOPE = −20 to 85_C, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Icc1
Supply current 1
60
mA
Icc2
Supply current 2
One band switch On (IBS = 10 mA)
70
mA
VIH
High level input voltage (SCL, SDA)
2.8
Vcc
V
VIL
Low level input voltage (SCL, SDA)
1.4
V
IIH
High level input current (SCL, SDA)
10
μA
IIL
Low level input current (SCL, SDA)
−10
μA
VPOR
Power on reset supply voltage
Threshold of supply voltage between reset and
operation mode
2.1
2.8
3.5
V
I2C interface
VASH
Address select high input voltage (AS)
VCC = 5 V
4.5
5.0
V
VASM1
Address select mid1 input voltage (AS)
VCC = 5 V
2.0
3.0
V
VASM2
Address select mid2 input voltage (AS)
VCC = 5 V
1.0
1.5
V
VASL
Address select low input voltage (AS)
VCC = 5 V
0.5
V
IASH
Address select high input current (AS)
120
μA
IASL
Address select low input current (AS)
−10
μA
VADC
ADC input voltage
See Table 9
0
VCC
V
IADH
ADC high level input current
VADC = VCC
10
μA
IADL
ADC low level input current
VADC = 0 V
−10
μA
FSCL
Clock frequency (SCL)
100
400
kHz
VOL
Low level output voltage (SDA)
VCC = 5 V, IOL = 3 mA
0.4
V
lSDAH
High level output leakage current (SDA)
VSDA = 5.5 V
10
μA
tHLD-DAT
Data hold time
See timing chart, Figure 1
0
μs
tBUF
Bus free time
1.3
μs
tHD-STA
Start hold time
0.6
μs
tLOW
SCL low hold time
1.3
μs
tHIGH
SCL high hold time
0.6
μs
tSU-STA
Start setup time
0.6
μs
tSU-DAT
Data setup time
0.1
μs
tR
SCL, SDA rise time
0.3
μs
tF
SCL, SDA fall time
0.3
μs
tST-STO
Stop setup time
0.6
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com