| データシートサーチシステム |
|
DS1776 データシート(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DS1776 データシート(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 11 page ![]() Description (Continued) TABLE 1. Pin Description (Continued) Symbol Pins Type Name and Function B0 27 I/O Data input with special threshold circuitry to reject noise/Open Collector output, High current drive B1 26 I/O B2 24 I/O B3 23 I/O B4 21 I/O B5 20 I/O B6 19 I/O B7 17 I/O OEB 0 15 I Enables the B outputs when both pins are low OEB 1 16 I OEA 2 I Enables the A outputs when High LE 28 I Latched when High (a special delay feature is built in for proper enabling times) V X 14 I Clamping voltage keeping V OH from rising above VX (VX = VCC for normal use) www.national.com 5 |