| データシートサーチシステム |
|
TSL3301 データシート(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TSL3301 データシート(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 14 page ![]() TSL3301 102 × 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOGTODIGITAL CONVERTER TAOS026 – FEBRUARY 2001 13 www.taosinc.com t t Copyright E 2001, TAOS Inc. MECHANICAL INFORMATION This dual-in-line package consists of an integrated circuit mounted on a lead frame and encapsulated with an electrically nonconductive clear plastic compound. 0.410 (10,41) 0.430 (10,92) 0.014 (0,36) 0.016 (0,41) 0.040 (1,02) 0.060 (1,52) 0.015 (0,38) 0.025 (0,64) 8 ° MAX TYP 90 ° 105 ° Seating Plane 0.008 (0,20) 0.012 (0,30) 0.020 (0,52) 0.040 (1,02) 5 8 4 1 10 ° TYP 8 Places 0.020 (0,51) R NOM 4 Places C L 0.100 (2,54) T.P.† 0.155 (3,94) 0.175 (4,45) 0.125 (3,18) 0.150 (3,81) 0.043 (1,09) 0.053 (1,35) 0.053 (1,35) 0.067 (1,70) 0.290 (7,37) 0.310 (7,87) 0.030 (0,76) D NOM Pin 1 SCLK Pin 2 VDD Pin 3 SDIN Pin 4 SDOUT Pin 5 NC Pin 6 GND Pin 7 GND Pin 8 NC Centerline of Pin 1 Nominally Lies between pixels 6 and 7 C L 0.017 (0,43) (pixel) 0.240 (6,10) 0.260 (6,60) 0.390 (9,91)‡ 8 Places 0.115 (2,93) 0.135 (3,43) † True position when unit is installed ‡ Minimum flat-optical-surface length NOTES: A. All linear dimensions are in inches and parenthetically in millimeters. B. This drawing is subject to change without notice. C. Index of refraction of clear plastic is 1.55. Figure 6. Packaging Configuration |