| データシートサーチシステム |
|
DS1776J/883 データシート(PDF) 7 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DS1776J/883 データシート(HTML) 7 Page - National Semiconductor (TI) |
|
7 / 11 page ![]() Description (Continued) TABLE 2. Function Table Inputs Latch Outputs Mode An Bn (Note 8) LE OEA OEB 0 OEB 1 State An Bn H X L L L L H Z H A TRI-STATE, Data from A to B LXL L L L L Z L X X H L L L Qn Z Qn A TRI-STATE, Latched Data to B — — L H L L (Note 10) (Note 8) (Note 8) Feedback: A to B, B to A — H H H L L H (Note 9) H off (Note 9) Preconditioned Latch Enabling — L H H L L H (Note 9) L off (Note 9) Data Transfer from B to A — — H H L L Qn Qn Qn Latch State to A and B H X L L H X H Z off L X L L H X L Z off B off and A TRI-STATE X X H L H X Qn Z off — H L H H X H H off — L L H H X L L off — H H H H X Qn H off B off, Data from B to A — L H H H X Qn L off H X L L X H H Z off L X L L X H L Z off B off and A TRI-STATE X X H L X H Qn Z off — H L H X H H H off — L L H X H L L off B off, Data from B to A — H H H X H Qn H off — L H H X H Qn L off H = High Voltage Level L = Low Voltage Level X = Don’t Care — = Input not externally driven Z = High Impedance (off) state Qn = High or Low voltage level one setup time prior to the Low-to-High LE transition Note 8: Condition will cause a feedback loop path; A to B and B to A. Note 9: The latch must be preconditioned such that B inputs may assume a High or Low level while OEB 0 and OEB 1, are Low and LE is high. Note 10: Precaution should be taken to ensure that the B inputs do not float. If they do, they are equal to a Low state. Note 11: off = Applies to “B” (OC) outputs only. Indicates that the outputs are turned off. CONTROLLER POWER SEQUENCING OPERATION The DS1776 has a design feature which controls the output transitions during power up (or down). There are two pos- sible conditions that occur. 1. When LE = Low and OEB n = Low, the B outputs are disabled until the LE circuit can take control. This feature ensures that the B outputs will follow the A inputs and al- low only one transition during power up (or down). 2. If LE = High or OEB n = High, then the B outputs still re- main disabled during power up (or down). www.national.com 7 |