データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6723MA/NOPB データシート(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMH6723MA/NOPB
部品情報  Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6723MA/NOPB データシート(HTML) 15 Page - Texas Instruments

Back Button LMH6723MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 18Page - Texas Instruments LMH6723MA/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
1
2
3
4
5
6
7
8
9
10
0
200
400
600
800
1000
1200
1400
GAIN (-V/V)
1
2
3
4
5
6
7
8
9
10
0
500
1000
1500
2000
2500
GAIN (V/V)
LMH6723, LMH6724
www.ti.com
SNOSA83I – AUGUST 2003 – REVISED AUGUST 2014
Feedback Resistor Selection (continued)
For more information see Application Note OA-13 which describes the relationship between RF and closed-loop
frequency response for current feedback operational amplifiers. The value for the inverting input impedance for
the LMH6723/LMH6724 is approximately 500
Ω. The LMH6723/LMH6724 is designed for optimum performance
at gains of +1 to +5V/V and
−1 to −4V/V. Higher gain configurations are still useful; however, the bandwidth will
fall as gain is increased, much like a typical voltage feedback amplifier.
Figure 32. RF vs. Non-Inverting Gain
Figure 32 and Figure 33 show the value of RF versus gain. A higher RF is required at higher gains to keep RG
from decreasing too far below the input impedance of the inverting input. This limitation applies to both inverting
and non-inverting configurations. For the LMH6723/LMH6724 the input resistance of the inverting input is
approximately 500
Ω and 100Ω is a practical lower limit for RG. The LMH6723/LMH6724 begins to operate in a
gain bandwidth limited fashion in the region where RF must be increased for higher gains. Note that the amplifier
will operate with RG values well below 100 Ω; however, results will be substantially different than predicted from
ideal models. In particular, the voltage potential between the Inverting and Non-Inverting inputs cannot be
expected to remain small.
For inverting configurations the impedance seen by the source is RG || RT. For most sources this limits the
maximum inverting gain since RF is determined by the desired gain as shown in Figure 33. The value of RG is
then RF/Gain. Thus for an inverting gain of −4 V/V the input impedance is equal to 100Ω. Using a termination
resistor, this can be brought down to match a 50-
Ω or 75-Ω source; however, a 150Ω source cannot be matched
without a severe compromise in RF.
Figure 33. RF vs. Inverting Gain
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMH6723 LMH6724



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28