| データシートサーチシステム |
|
KO103C データシート(PDF) 3 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
KO103C データシート(HTML) 3 Page - E-SWITCH |
|
3 / 12 page ![]() TL 1100 2 LEDS KO 106 FEATURES & BENEFITS Zinc alloy die cast housing and cylinder, chrome plated Zinc alloy keys, chrome plated Silver plated contacts and terminals 1 combination available SPECIFICATIONS HOLE SIZE Part Number Lock Configuration (as viewed from key end) Connected Terminals Pos. 1 Pos. 2 Pos. 3 Key Pull Possible KO106A OFF 1-2 Pos. 1, Pos. 2 90 indexing 1 2 = Detent Position = Keypull Possible = Momentary Ratings: 1A @ 125 VAC 0.5A @ 250 VAC Contact Resistance: 20 mΩ max. initial @ 2-4 VDC, 100 mA Insulation Resistance: 200 MΩ min. Dielectric Strength: 1,500 V rms @ sea level UNIT: mm KO 107 FEATURES & BENEFITS Zinc alloy die cast housing and cylinder, chrome plated Zinc alloy keys, chrome plated Silver plated contacts and terminals L dimension per customer requirement, 13 mm is standard 6 combinations available SPECIFICATIONS HOLE SIZE Part Number Lock Configuration (as viewed from key end) Connected Terminals Pos. 1 Pos. 2 Pos. 3 Key Pull Possible KO107A OFF 1-2 Pos. 1, Pos. 2 90 indexing 1 2 = Detent Position = Keypull Possible = Momentary Ratings: 1A @ 125 VAC 0.5A @ 250 VAC Contact Resistance: 20 mΩ max. initial @ 2-4 VDC, 100 mA Insulation Resistance: 200 MΩ min. Dielectric Strength: 1,500 V rms @ sea level UNIT: mm 222 Fax: 763-531-8235 Phone: 800-867-2717 SERIES KO SWITCHES KEYLOCK SWITCHES |