| データシートサーチシステム |
|
KO128B2007. データシート(PDF) 2 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
KO128B2007. データシート(HTML) 2 Page - E-SWITCH |
|
2 / 12 page ![]() 2 LEDS KO 104 FEATURES & BENEFITS Zinc alloy die cast housing and cylinder, chrome plated Zinc alloy keys, chrome plated, with plastic cover Silver plated contacts and terminals 10,000 combinations available SPECIFICATIONS HOLE SIZE Part Number Lock Configuration (as viewed from key end) Connected Terminals Pos. 1 Pos. 2 Pos. 3 Key Pull Possible KO104A 1-2 3-4 Pos. 1 KO104B 1-2 3-4 Pos. 1, Pos. 2 1 2 90 indexing 90 indexing 1 2 = Detent Position = Keypull Possible = Momentary UNIT: mm Ratings: 3A @ 125 VAC 1.5A @ 250 VAC Contact Resistance: 20 mΩ max. initial @ 2-4 VDC, 100 mA Insulation Resistance: 200 MΩ min. Dielectric Strength: 1,500 V rms @ sea level KO 105 FEATURES & BENEFITS Zinc alloy die cast housing and cylinder, chrome plated Steel made tubular keys, nickel plated, with plastic cover Silver plated contacts and terminals 100 combinations available SPECIFICATIONS HOLE SIZE Part Number Lock Configuration (as viewed from key end) Connected Terminals Pos. 1 Pos. 2 Pos. 3 Key Pull Possible KO105A OFF 1-2 Pos. 1, Pos. 2 KO105B 1-2 3-4 Pos. 1, Pos. 2 90 indexing 90 indexing 1 2 1 2 = Detent Position = Keypull Possible = Momentary UNIT: mm Ratings: 1A @ 125 VAC 0.5A @ 250 VAC Contact Resistance: 20 mΩ max. initial @ 2-4 VDC, 100 mA Insulation Resistance: 200 MΩ min. Dielectric Strength: 1,500 V rms @ sea level 221 info@e-switch.com www.e-switch.com |