| データシートサーチシステム |
|
TAS3208IPZPR データシート(PDF) 59 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3208IPZPR データシート(HTML) 59 Page - Texas Instruments |
|
59 / 79 page ![]() TAS3208 www.ti.com SLES201E – JANUARY 2007 – REVISED MARCH 2011 Table 19. DSP Data Block Structure(1) CALC TOTAL REGISTER BYTE DATA BLOCK FORMAT NOTE CHECKSUM NO. BYTES 1 Checksum MSB 2 Checksum LSB 3 Memory to be loaded 0x04 4 0x00 Control 0x04 5 Start memory address MSB 6 Start memory address LSB 7 Total number of byte transferred MSB 8 Total number of byte transferred LSB 1 0x00 2 0x00 Coefficient word 1 3 D47 –D40 4 D39 –D32 Data 0x05 5 D31 –D24 6 D23 –D16 Coefficient word 2 7 D15 –D8 8 D7 –D0 1 0x00 2 0x00 Coefficient word 3 3 D47 –D40 4 D39 –D32 Data 0x05 5 D31 –D24 6 D23 –D16 Coefficient word 4 7 D15 –D8 8 D7 –D0 1 0x00 2 0x00 3 0x00 Should be zero 4 0x00 Data 0x05 5 0x00 6 0x00 7 Checksum MSB End checksum is always located here. 8 Checksum LSB (1) Shades cells indicate the values included in the checksum/total number of bytes calculation. Copyright © 2007–2011, Texas Instruments Incorporated Submit Documentation Feedback 59 Product Folder Link(s): TAS3208 |