| データシートサーチシステム |
|
TAS5707APHPR データシート(PDF) 47 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5707APHPR データシート(HTML) 47 Page - Texas Instruments |
|
47 / 59 page ![]() TAS5707, TAS5707A www.ti.com SLOS556B – NOVEMBER 2008 – REVISED NOVEMBER 2009 Table 21. PWM Output Mux Register (0x25) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 0 0 1 Reserved(1) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 0 – – – – – – Reserved(1) – – 0 0 – – – – Multiplex channel 1 to OUT_A (1) – – 0 1 – – – – Multiplex channel 2 to OUT_A – – 1 0 – – – – Multiplex channel 1 to OUT_A – – 1 1 – – – – Multiplex channel 2 to OUT_A – – – – 0 0 – – Reserved (1) – – – – – – 0 0 Multiplex channel 1 to OUT_B – – – – – – 0 1 Multiplex channel 2 to OUT_B – – – – – – 1 0 Multiplex channel 1 to OUT_B (1) – – – – – – 1 1 Multiplex channel 2 to OUT_B D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 0 – – – – – – Reserved (1) – – 0 0 – – – – Multiplex channel 1 to OUT_C – – 0 1 – – – – Multiplex channel 2 to OUT_C(1) – – 1 0 – – – – Multiplex channel 1 to OUT_C – – 1 1 – – – – Multiplex channel 2 to OUT_C – – – – 0 0 – – Reserved (1) – – – – – – 0 0 Multiplex channel 1 to OUT_D – – – – – – 0 1 Multiplex channel 2 to OUT_D – – – – – – 1 0 Multiplex channel 1 to OUT_D – – – – – – 1 1 Multiplex channel 2 to OUT_D (1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 1 0 0 0 1 0 1 RESERVED (1) Default values are in bold. DRC CONTROL (0x46) Each DRC can be enabled independently using the DRC control register. The DRCs are disabled by default. Table 22. DRC Control Register (0x46) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 0 0 0 Reserved (1) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 0 0 0 0 0 0 0 Reserved (1) D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 0 0 0 0 0 0 0 Reserved (1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION – – – – – – – 0 DRC turned OFF (1) – – – – – – – 1 DRC turned ON 0 0 0 0 0 0 0 – Reserved (1) (1) Default values are in bold. Copyright © 2008–2009, Texas Instruments Incorporated Submit Documentation Feedback 47 Product Folder Link(s): TAS5707 TAS5707A |