データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV641MA/NOPB データシート(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMV641MA/NOPB
部品情報  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641MA/NOPB データシート(HTML) 21 Page - Texas Instruments

Back Button LMV641MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 18Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 19Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 20Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 21Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 22Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 23Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 24Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMV641MAE/NOPB
SOIC
D
8
250
178.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMV641MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMV641MF/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV641MFE/NOPB
SOT-23
DBV
5
250
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV641MFX/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV641MG/NOPB
SC70
DCK
5
1000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LMV641MGE/NOPB
SC70
DCK
5
250
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LMV641MGX/NOPB
SC70
DCK
5
3000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
29-Jan-2016
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27