| データシートサーチシステム |
|
2N6660 データシート(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
2N6660 データシート(HTML) 5 Page - Microchip Technology |
|
5 / 10 page ![]() 2016 Microchip Technology Inc. DS20005509A-page 5 2N6660 4.0 PACKAGING INFORMATION 4.1 Package Marking Information Legend: XX...X Product Code or Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for product code or customer-specific information. Package may or not include the corporate logo. 3 e 3 e 3-Lead TO-39 Example NNN YYWW XXXXXXXXXX XX e4 343 1605 2N6660 e4 |