| データシートサーチシステム |
|
23LC1024T-E/ST/P データシート(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
23LC1024T-E/ST/P データシート(HTML) 16 Page - Microchip Technology |
|
16 / 32 page ![]() 23A1024/23LC1024 DS20005142C-page 16 2012-2015 Microchip Technology Inc. 4.2 Quad Interface Mode In addition to the Serial Dual interface (SDI) mode of operation Serial Quad Interface (SQI) is also supported. In this mode the HOLD functionality is not available. To enter SQI mode the EQIO command must be clocked in (Figure 4-4). FIGURE 4-4: ENTER SQI MODE (EQIO) FROM SPI MODE FIGURE 4-5: BYTE READ MODE SQI SCK 0 2 34 56 7 1 SI High-Impedance SO CS 00 01 11 0 0 Note 1: Page and Sequential mode is similar in that additional bytes can be clocked out before CS is brought high. 2: The first byte read after the address will be a dummy byte. CS SCK 0 2345 67 1 8 9 1 0 40 20 16 12 8 SIO0 1 0 51 21 17 13 9 0 0 62 22 18 14 10 0 0 73 23 19 15 11 SIO1 SIO2 SIO3 Instruction 24-Bit Address Dummy Byte 10 11 4 0 5 1 6 2 7 3 Data Out |