| データシートサーチシステム |
|
25LC256TE/ST データシート(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25LC256TE/ST データシート(HTML) 4 Page - Microchip Technology |
|
4 / 32 page ![]() 25AA256/25LC256 DS21822G-page 4 2003-2013 Microchip Technology Inc. TABLE 1-3: AC TEST CONDITIONS 18 THZ HOLD Low to Output High-Z 30 60 160 — — — ns ns ns 4.5V Vcc 5.5V (Note 1) 2.5V Vcc 4.5V (Note 1) 1.8V Vcc 2.5V (Note 1) 19 THV HOLD High to Output Valid 30 60 160 — — — ns ns ns 4.5V Vcc 5.5V 2.5V Vcc 4.5V 1.8V Vcc 2.5V 20 TWC Internal Write Cycle Time —5 ms (Note 2) 21 — Endurance 1M — E/W Cycles 25°C, VCC = 5.5V (Note 3) TABLE 1-2: AC CHARACTERISTICS (CONTINUED) AC CHARACTERISTICS Industrial (I): TA = -40°C to +85°C VCC = 1.8V to 5.5V Automotive (E): TA = -40°C to +125°C VCC = 1.8V to 5.5V Param. No. Sym. Characteristic Min. Max. Units Test Conditions Note 1: This parameter is periodically sampled and not 100% tested. 2: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle is complete. 3: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site at www.microchip.com. AC Waveform: VLO = 0.2V — VHI = VCC – 0.2V (Note 1) VHI = 4.0V (Note 2) CL = 50 pF — Timing Measurement Reference Level Input 0.5 VCC Output 0.5 VCC Note 1: For VCC 4.0V 2: For VCC > 4.0V |