データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

24C00-E/ST データシート(PDF) 13 Page - Microchip Technology

部品番号 24C00-E/ST
部品情報  128-Bit I2C??Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C00-E/ST データシート(HTML) 13 Page - Microchip Technology

Back Button 24C00-E/ST Datasheet HTML 9Page - Microchip Technology 24C00-E/ST Datasheet HTML 10Page - Microchip Technology 24C00-E/ST Datasheet HTML 11Page - Microchip Technology 24C00-E/ST Datasheet HTML 12Page - Microchip Technology 24C00-E/ST Datasheet HTML 13Page - Microchip Technology 24C00-E/ST Datasheet HTML 14Page - Microchip Technology 24C00-E/ST Datasheet HTML 15Page - Microchip Technology 24C00-E/ST Datasheet HTML 16Page - Microchip Technology 24C00-E/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
 1996-2011 Microchip Technology Inc.
DS21178H-page 13
24AA00/24LC00/24C00
Part Number
1st Line Marking Codes
TSSOP
SOT-23
DFN
TDFN
I Temp.
E Temp.
I Temp.
E Temp.
I Temp.
E Temp.
24AA00
4A00
B0NN
—
201
—
A01
—
24LC00
4L00
M0NN
—
204
—
A04
—
24C00
4C00
D0NN
E0NN
207
—
A07
A08
Note:
NN = Alphanumeric traceability code
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Note:
Please visit www.microchip.com/Pbfree for the latest information on Pb-free conversion.
*Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34