データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPX5100DP データシート(PDF) 7 Page - Motorola, Inc

部品番号 MPX5100DP
部品情報  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX5100DP データシート(HTML) 7 Page - Motorola, Inc

Back Button MPX5100DP Datasheet HTML 3Page - Motorola, Inc MPX5100DP Datasheet HTML 4Page - Motorola, Inc MPX5100DP Datasheet HTML 5Page - Motorola, Inc MPX5100DP Datasheet HTML 6Page - Motorola, Inc MPX5100DP Datasheet HTML 7Page - Motorola, Inc MPX5100DP Datasheet HTML 8Page - Motorola, Inc MPX5100DP Datasheet HTML 9Page - Motorola, Inc MPX5100DP Datasheet HTML 10Page - Motorola, Inc MPX5100DP Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MPX5100/MPXV5100 SERIES
MOTOROLA
Motorola Sensor Device Data
7
PACKAGE DIMENSIONS
PIN 1
F
G
N
L
R
12
34
5
6
6 PL
D
SEATING
PLANE
-T-
M
A
M
0.136 (0.005)
T
POSITIVE PRESSURE
(P1)
C
B
M
J
S
-A-
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
STYLE 3:
PIN 1. OPEN
2. GROUND
3. +VOUT
4. +VSUPPLY
5. -VOUT
6. OPEN
STYLE 2:
PIN 1. OPEN
2. GROUND
3. -VOUT
4. VSUPPLY
5. +VOUT
6. OPEN
MAX
MILLIMETERS
INCHES
16.00
13.56
5.59
0.84
1.63
0.100 BSC
2.54 BSC
0.40
18.42
30˚ NOM
30˚ NOM
12.57
11.43
DIM
A
B
C
D
F
G
J
L
M
N
R
S
MIN
0.595
0.514
0.200
0.027
0.048
0.014
0.695
0.475
0.430
0.090
MAX
0.630
0.534
0.220
0.033
0.064
0.016
0.725
0.495
0.450
0.105
MIN
15.11
13.06
5.08
0.68
1.22
0.36
17.65
12.07
10.92
2.29
2.66
NOTES:
1.
2.
3.
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
DIMENSION -A- IS INCLUSIVE OF THE MOLD
STOP RING. MOLD STOP RING NOT TO EXCEED
16.00 (0.630).
CASE 867-08
ISSUE N
BASIC ELEMENT
DATE 09/20/99
CASE 867B-04
ISSUE F
SEATING PLANE
R
N
C
J
PIN 1
M
Q
M
0.25
T
B
6X
D
G
F
S
K
V
S
P
M
0.173
Q S
T
L
U
A
1
2
34
5
6
T
P
P
Q
Q
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
MILLIMETERS
2.54 BSC
23.11 BSC
DIM
A
B
C
D
F
G
J
K
L
N
P
Q
R
S
U
V
MIN
29.08
17.4
7.75
0.68
1.22
0.36
17.65
7.37
10.67
3.89
3.89
5.84
5.59
4.62
MAX
29.85
18.16
8.26
0.84
1.63
0.41
18.42
7.62
11.18
4.04
4.04
6.35
6.1
4.93
NOTES:
1.
2.
DIMENSIONS ARE IN MILLIMETERS.
DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
CASE 867B-04
ISSUE F
PRESSURE SIDE PORTED (AP, GP)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12