| データシートサーチシステム |
|
DS26LS33ACM データシート(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DS26LS33ACM データシート(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 8 page ![]() Switching Characteristics V CC = 5V, TA = 25˚C Symbol Parameter Conditions DS26LS32/DS26LS33 DS26LS32A/DS26LS33A Units Min Typ Max Min Typ Max t PLH Input to Output C L = 15 pF 17 25 23 35 ns t PHL 17 25 23 35 ns t LZ ENABLE to Output C L = 5 pF 2030 1530 ns t HZ 15 22 20 25 ns t ZL ENABLE to Output C L = 15 pF 15 22 14 22 ns t ZH 15 22 15 22 ns AC Test Circuit and Switching Time Waveforms Typical Applications Load Test Circuit for TRI-STATE® Outputs DS005255-3 Propagation Delay (Notes 7, 9) DS005255-4 Enable and Disable Times (Notes 8, 9) DS005255-5 Note 7: Diagram shown for ENABLE low. Note 8: S1 and S2 of load circuit are closed except where shown. Note 9: Pulse generator for all pulses: Rate = 1.0 MHz; ZO = 50Ω;tr ≤ 6 ns; tf ≤ 6.0 ns. Two-Wire Balanced Interface — RS-422 DS005255-6 www.national.com 4 |